Part Number Hot Search : 
A3845ELW 10027 02CTRR1 D15XB 245AD 1N4417 SEL5955A 23T1A
Product Description
Full Text Search
 

To Download NSRWR47M63V63X5F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
SUPER LOW PROFILE, WIDE TEMPERATURE, RADIAL LEADS, POLARIZED FEATURES * 5mm MAX. HEIGHT * EXTENDED TEMPERATURE -55 TO +105OC CHARACTERISTICS
Rated Working Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 2 minutes At 20oC Surge Voltage & Dissipation Factor (Tan ) Low Temperature Stability (Impedance Ratio @ 120Hz) Life Test @ +105oC 1,000 hours 6.3 ~ 50Vdc 0.1 ~ 100F -55oC~+105OC +20% (M) 0.01CV or 3A Whichever is greater W.V. (Vdc) S.V. (Vdc) Tan @ 120Hz W.V. (Vdc) Z-40oC/Z+20oC Z-55oC/Z+20oC Capacitance Change Dissipation Factor Leakage Current
NSRW Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
10 16 25 35 50 13 20 32 44 63 0.22 0.16 0.14 0.12 0.10 10 16 25 35 50 3 2 2 2 2 5 4 3 3 3 Within +25% of initial value Less than 200% of specified maximum value Less than specified maximum value
6.3 8 0.26 6.3 4 6
MAXIMUM E.S.R. ( AT 120Hz AND 20oC)

STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)

MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 105oC)

LEAD SPACING AND DIAMETER (mm)

Polarity Marking Insulation Sleeve
d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
PART NUMBER SYSTEM NSRW 100 M 16V 4X5 F .
RoHS Compliant Case Size (D x L) Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier Series
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
81


▲Up To Search▲   

 
Price & Availability of NSRWR47M63V63X5F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X